optiswitch ? 9244-1210G carrier-ethernet packet-optical aggregation mrv optiswitch ? 9244-1210G is a fully compliant mef carrier-ethernet 2.0 and compact packet-optical aggregation platform for 1 st and 2 nd mile optical fe , ge and 10ge ngn infrastructures. the platform is one of the industrys highest port density 2ru aggregation platform with a total bandwith support of 200gbps with 32 x fe/1ge/2.5ge (sfp) ports + 12 x 1ge/10ge (sfp+) ports. the platforms multi-purpose service slot can be populated with all mrvs optiswitch modules including ces (e1/t1 & stm-1/oc3) for delivery of tdm services over ethernet networks, and wdm optical transport. the optiswitch 9244-1210G provides service providers with a full suite of carrier-grade ethernet services along with high-availability, enhanced quality of service, security, operations, administration and maintenance (oam) support, and packet-wdm. the uniqueness of a full suite of carrier-ethernet and mpls tools makes this platform a perfect solution for delivery of sla-based business ethernet and mobile backhaul services. cost-effective 1 st - mile carrier ethernet aggregation platform - offoads provider edge 10ge ports very high port density to form factor ratio with lowest power consumption - compact 2ru form factor with etsi compatible depth for space saving mrv unifed master-os ? control plane for metro-e services - simplifes operation and management integration with oss mef-compliant carrier ethernet 2.0 services non-blocking hardware architecture physical interfaces: - 32 x 100 (sgmii)/1000/2000 fx ports - 12 x 1000fx / 10000fx ports supports 10ge lan/wan(stm-64/oc192) phy flexible uni/nni interfaces - 100fx/1000fx/2000fx and 10ge - same device for all aggregation scenarios - support for jumbo frames on all ports exceptional variety of optical layer 1 & layer 2 vpn services - epl x-connect, e-line, e-tree and e-lan - any-to-any transparent cross-connect - eroadm services advanced traffc management with line rate performance - classifcation, policing, metering, marking per-fow qos - low-latency and precise service rates unmatched fexibility of ethernet virtual circuits - selective q-in-q and vlan translation end-to-end ethernet service oam to monitor slas - simplifes, monitors and troubleshoots services/applications - standards compliance per cfm ieee802.1ag / pm itu-t y.1731 - rfc 2544 throughput measurements - ip sla measurements - efm link oam C ieee802.3ah protection mechanisms - erps g.8032 and elps g.8031 - link protection 1:1 (los) and n+1 (lag) - sub 50ms sonet-like recovery and deterministic sla multicasting service for ip-tv triple play hot-swappable fully redundant power supplies hot-swappable pluggable fan tray sflow support for application-aware networking excellent price/performance for rapid roi zero-touch provisioning with rapid service turn-up (with pro-vision service provisioning and nms) product highlights iptv services 1 st -mile aggregation for business ethernet services cell-site aggregation for ethernet mobile backhaull 10ge and fractional sub-10ge erps g.8032 and elps g.8031protected services lambda services C fber optimization through c/dwdm integration applications datasheet business ethernet services triple play services wdm p-ots os-906g fan pwr console eia-232 mgt eth ps2 ps1 l a bits 1 2 3 4 l i a l i a l i a l i a l i a l a s1 s2 1 2 6 5 os9244 -1210g 1 3 5 7 9 11 13 15 17 19 21 23 add drop exp1 com1 o9adcd in out em9005 ps/ac em9005 ps/dc caution this assembly contains electronically sensitive components 47 49 51 53 47 49 51 53 47 49 51 53 47 49 51 53 exp2 com2 in 2 4 6 8 10 12 14 16 18 20 22 24 25 27 29 31 26 28 30 32 33 35 37 39 34 36 38 40 41 43 42 44 sfp+ l a mgt eth console eia-232 ps1 tmp ps2 fan os9244 -1210g 1 3 5 7 9 11 13 15 17 19 21 23 add drop exp1 com1 o9adcd in out em9005 ps/ac em9005 ps/dc caution this assembly contains electronically sensitive components 47 49 51 53 47 49 51 53 47 49 51 53 47 49 51 53 exp2 com2 in 2 4 6 8 10 12 14 16 18 20 22 24 25 27 29 31 26 28 30 32 33 35 37 39 34 36 38 40 41 43 42 44 sfp+ l a mgt eth console eia-232 ps1 tmp ps2 fan fe/ge/2.5g os906g os9244-1210G os940 optiswitch os940 1 2 3 4 5 6 7 8 9 10 11 12 usb host ps2 ps1 console eia-232 l a 10ge-xfp 13 l a 10ge-xfp 14 l a 10ge-xfp 15 l a 10ge-xfp 16 tmp fan os9244-1210G 10ge bsc/rnc/s-gw 2g/2.5g b t s 4g enode b e nd - t o - end s er vic e o am 3g node b os9244 -1210g 1 3 5 7 9 11 13 15 17 19 21 23 add drop exp1 com1 o9adcd in out em9005 ps/ac em9005 ps/dc caution this assembly contains electronically sensitive components 47 49 51 53 47 49 51 53 47 49 51 53 47 49 51 53 exp2 com2 in 2 4 6 8 10 12 14 16 18 20 22 24 25 27 29 31 26 28 30 32 33 35 37 39 34 36 38 40 41 43 42 44 sfp+ l a mgt eth console eia-232 ps1 tmp ps2 fan os9244 -1210g 1 3 5 7 9 11 13 15 17 19 21 23 add drop exp1 com1 o9adcd in out em9005 ps/ac em9005 ps/dc caution this assembly contains electronically sensitive components 47 49 51 53 47 49 51 53 47 49 51 53 47 49 51 53 exp2 com2 in 2 4 6 8 10 12 14 16 18 20 22 24 25 27 29 31 26 28 30 32 33 35 37 39 34 36 38 40 41 43 42 44 sfp+ l a mgt eth console eia-232 ps1 tmp ps2 fan os-904 mgt pwr console eia-232 mgt eth l a 1 2 1 2 3 4 os-904 mgt pwr console eia-232 mgt eth l a 1 2 1 2 3 4 os-904 mgt pwr console eia-232 mgt eth l a 1 2 1 2 3 4 ethernet mobile backhaul services not sure which solution best suits your needs? visit www.mrv.com or e-mail us at sales@mrv. os9244 - 1210g optical packet switched network
optiswitch ? metro ethernet solution meets ieee, itu, ietf, and mef standards, offering complete control to simplify deployment and management, while maintaining full interoperability and guaranteed slas. features and solution benefts os9244-1210G platform is a high-performance carrier ethernet aggregation platform with non-blocking hardware and software architecture engineered for deployment in new and demanding packet-optical network environments to support the providers value-added service offering. by integrating packet switching and aggregation with wdm transport, the os9244-1210G enables increased effciencies in bandwidth utilization, optimizing interfacing, and simplifying the network by eliminating the need for dedicated hardware. for service providers who build next-generation optical networks, the consolidation of wdm services with intelligent traffc forwarding on the same platform offers signifcant savings in capital expenditure. multipurpose service interfaces the platform offers a unique combination of features and optical interfaces that enable suitable, easy, and fexible feld confgurations while making it ideal for maintenance and inventory. the integration of cwdm / dwdm eliminates the need for a transponder in the network, and offers better fber optimization along physical services separation with dedicated 1gbps and 10gbps rates for premium optical services with the same concept as that of legacy leased-line services. ? all interfaces can be confgured as uni / nni to enable access to edge and intra-network services ? 100fx (sgmii) and 1000fx interfaces can be muxponded over 10ge interface at dedicated wavelength ? hot swappable sfp/sfp+ pluggable optics to ensure fexible distance, cost and performance ? pluggable sfp/sfp+ ports support distances from short to long haul, single strand and cwdm and dwdm optics ? remote optical level monitoring and alarm thresholds of ports end-to-end service provisioning and oam pro-vision ? is mrvs carrier-class service provisioning & management system that offers service providers a wide range of applications & tools to fully manage and control large-scale mef compliant carrier ethernet based data, voice, and video services. the gui-based software allows service provisioning, monitoring, and troubleshooting from an easy-to-use central network management application. pro-vision complements the optiswitch 900 carrier ethernet demarcation and optiswitch 9000 packet -optical aggregation portfolio. pro-vision provides rapid service creation, comprehensive performance monitoring (including real- time performance metrics), port, and evc utilization. pro-vision offers web-based customer portal that allows the monitoring of real time service performance and sla verifcation based on the customers view. pro-vision supports standard based web services northbound interface using soap/xml, corba, and snmp for interconnection with sp & equipment vendor oss systems. port numbering service interface options ports 1-32 100basefx - sgmii 100fx sfps 1000basefx - standard gige sfps 2.5gbps - 2000basefx - standard multi-rate sfps ports 33-44 1000basefx - standard gige sfps 10000basefx - sfps + multi-service expansion slot e1/t1 ces stm-1/oc3 ces wdm services itu-t g.694.1 standard (dwdm) itu-t g.694.2 standard (cwdm) oadms, mux/demux end-to-end service provisioning and activation across network infrastructure packet wdm
mef compliant carrier ethernet 2.0 services ? uni type 1 and type 2 (mef21) ? external-nni ? epl, e-line, e-tree & e-lan C mef9 ? epl, e-line, e-tree & e-lan traffc mgt. C mef14 ? oam implementation agreement (ia) C mef17 ? all interfaces can be confgured as uni / enni packet switching services ? 200gbps (full-duplex) non-blocking wire-speed architecture ? confgurable for jumbo frames per port/evc ? packet buffer management ? ieee802.1q and ieee802.1ad provider bridges - 4k active vlans / evcs - selective q-in-q stacking per acl criteria - confgurable ethertype values - private vlan ? transparent cross-connect mode - per system, per port, or per evc non-learning mode ? learning table limit per vlan/port ? layer 2 control protocols tunneling ? uni protected ports/layer 1 fltering ? provider backbone bridging (pbb) per 802.1ah * protection services ? sub 50 ms ring and dualChomed topologies ? itu-t g.8032 v2 ethernet ring protection switching ? itu-t g.8031 ethernet linear protection switching ? mstp per ieee802.1s ? link aggregation (lag n+1) C static and lacp - load balancing based on l2-3-4 headers ? link level 1:1 loss of signal (los) protection ? cfm (oam) messages for fault detection and link fallback ? bidirectional link fault refection ? link fap protection and damping ? unidirectional link detection multicast and ip services ? wire speed multicast replication ? igmp v1,v2 snooping , proxy and fast leave ? wire-speed ipv4 / ipv6 * packet routing - rip, ospf, is-is, bgp-4, vrrp - secondary interfaces - dhcp server/client/relay mpls services ? ethernet over mpls pseudowire with traffc engineering ? h-vpls dual-homed spoke mtu-s - ldp, rsvp-te, ospf-te, isis-te, cspf * ? mpls ler & lsr functionality ? mpls-transport profle C mpls-tp * security ? wire-speed acls on l2-3-4 headers - up to 8k rules - ingress and egress acls - multiple actions in single acl ? cpu denial-of-service protection ? mac flters and mac limit per port/per vlan ? uni broadcast/multicast/unicast rate control ? flood limiting of oam frames ? arp rate control ? dhcp option 82 & option 60 ? acl for management sessions from noc ? view-based access control model (vacm) traffc management ? inbound & outbound traffc management per fow/evc ? in-service circuit parameter changes (hitless acl) ? dual-rate 3-color rate limit per fow or aggregate - granular cir/eir rates up to 10ge ? color-aware bw-profle ? wred ? classifcation by any l2-3-4 criteria and combinations thereof - physical port, mac, ethertype, vlan, ip/tcp/udp ? ieee 802.1p (vpt), diffserv (ipv4 & ipv6 tc) ? marking/remarking profles between layers - 802.1p, dscp & mpls exp ? 8 hardware queues per port & confgurable sl ? per fow sla metrics - per uni, cos, evc, control protocols - 16,000 counters availability ? 1:1 hot-swappable dual redundant power C ac/dc mix ? hot-swappable pluggable fan tray ? temperature sensor for environmental alerts ? dual image & rollback processes management & diagnostics tools ? industry standard cli ? out-of-band management - eia-232 port - ethernet port ? out-of-band ethernet management - dedicated eth port ? telnet, ssh v2, snmpv3, rmon (4 groups) ? port mirroring - ingress & egress traffc to analyzer port / vlan ? remote service/fow mirroring per acl ? ping, traceroute, dns lookup, tcp dump (built-in sniffer) ? management acl for trusted connections (telnet/ssh/ snmp) ? hierarchical administration policy ? radius / tacacs+ aaa for management sessions ? confguration load/save using ftp, secure copy (scp) ? network time protocol (ntp) ? internal/remote syslog ? scripting tool for macro confgurations & maintenance ? scheduler for automated execution of pre-specifed commands (time/day/cycle) ? remote auto-confguration - dhcp server/client/relay ? ipv6 management ? dpoe 1.0 demarc auto confguration * standard operation, administration & maintenance ? end-to-end service oam ieee802.1ag - connectivity fault management per service mep/mip - in-service evc loopbacks, linktrace & continuity check ? end-to-end performance measurement itu-t y.1731 & ip sla - mef soam pm (mef 35) - per service jitter, latency & loss - nano second precision - rfc2544 throughput measurements for service baseline ? efm link oam - ieee802.3ah - discovery, port-loopback, remote failure indication ? optical signal level monitoring (sfp sff-8472) ? remote failure notifcation/refection ? itu-t y.1563 service availability ? itu-t y.1564 service activation * ? dying gasp under efm link oam per ieee802.3ah ? mef 10.2.1 service resiliency ? twamp refector ( rfc5357) ? jdsu loopback protocol * * future software release
mrv-os-9244 rev.01 10 -13 copyright ?2013 mrv communications, inc. all rights reserved. p/n description os9244-1210G optiswitch? 9244-1210G 1 st mile carrier ethernet aggregation platform with 32 x 100fx (sgmii)/1000fx/2000fx sfp and 12 x 1000fx/10000fx sfp+ ports. optional multi-service slot ac/dc power supplies to be ordered separately. hot-swappable power supplies for os9000 series em9015-ps/ac ac power supply for the optiswitch? 9244 series (100 - 240v ac) em9015-ps/dc dc power supply for the optiswitch? 9244 series (24 - 48v dc) accessories ms9000-blank blank panel for multi-service slot em9005-blank blank panel for power supply em9005-br-2-c 23 mounting bracket em9005-fan-t spare part - fan tray for os9124-410g and os9244-1210G models ms9000-fg-a fiber guard tray for os9244-1210G model master-os? - mpls software upgrade package for os9244-1210G model * for ordering codes of cwdm/dwdm fber optimization modules, please contact info@mrv.com ces line cards em9-ces-4t1c 4-port t1 circuit emulation service module with high-precision clock em9-ces-4e1c 4-port e1 circuit emulation service module with high-precision clock em9-ces-oc3 1-port oc-3/stm -1 - 1:1 protected - circuit emulation service aggregation module em9-sync-mbh* synce and ieee1588v2 (master/slave/bc) timing and synchronization supporting module * for ordering codes of sfp and sgmii pluggable optics, please visit mrvs web site technical specifcations standard compliance fcc part 15 (class a); emc directive: emission (class a) and immunity; lvd directive: electrical safety; ce ; tuv-r mark (canada, usa); gost; rohs directive, reach svhc, weee directive; etsi compatible depth; designed to comply with nebs level 3; c-tick. operating temperature 0 to 50 o c (32 to 122 o f) storage temperature -40 to +70 o c (-40 to 158 o f) humidity 10% to 85% non-condensing diagnostic leds power supply, management, temperature, fan, link, and activity rack mounting 19 or 23 racks , compact 2 ru height maintainability front facing system confguration: eliminates the need to dismount the system for maintenance or installation of new hardware following initial installation back-to-back installation in telco racks: doubling the port-per-rack density. performance non-blocking 200g (full-duplex) architecture. full-wire packet forwarding on all ports (297 mpps) physical dimensions wxdxh (mm/inch) 447.6x300x88.1 mm 17.62x11.81x3.46 inch weight (kg. /lbs.) 5.450 kg/11.9 lbs (fully loaded with 2ps 7.050 kg/15.4 lbs) mtbf hrs @25c /77f 201,721 power specifcations (ac/dc)hot swappable dual redundant power supplies ac input voltage line frequencies 50-60hz dc input voltage options power consumption(w) min. max 100-240 vac -48vdc (-36vdc to -60vdc) 100w 135w ordering information all statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. however, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. please contact mrv communications for more information. mrv communications and the mrv communications logo are trademarks of mrv communications, inc. other trademarks are the property of their respective holders.
|